PART |
Description |
Maker |
2N2060A |
Dual Amplifier Transistor(Small Signal Dual Transistor in a TO-77 Hermetic Package具有放大器功能的双晶体管(TO-77封装两个小信号晶体管 双放大器晶体管(双小信号晶体管采用TO - 77气密封装)(具有放大器功能的双晶体管(至77封装两个小信号晶体管)) DUAL AMPLIFIER TRANSISTOR 500 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, MO-002AF
|
Central Semiconductor, Corp. TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
MPS3391 MPS929 MPS930A MPS3390 MPS3396 MPS3397 MPS |
NPN silicon amplifier transistor. 45 V. (MPS929 / MPS930A) AMPLIFIER TRANSISTOR AMPLIFIER TRANSISTOR 放大器晶体管
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
2N2721 |
Dual Amplifier Transistor
|
Motorola
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BA3131FS BA3131 |
Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2) ER 14C 14#16 PIN PLUG Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2) Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer
|
Rohm CO.,LTD. ROHM[Rohm]
|
HN1B01FDW1T1 HN1B01FDW1T1G |
Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount
|
ON Semiconductor
|
KA358 KA358A KA358AD KA358AS KA358D KA358S KA2904 |
V CC
OUT1
IN1(-)
Dual Operational Amplifier Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 10000 uV OFFSET-MAX, PDSO8 Dual Operational Amplifier DUAL OP-AMP, 7000 uV OFFSET-MAX, PDIP8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
3SK249 |
Field Effect Transistor Silicon N Channel Dual Gate MOS Type TV Tuner, UHF RF Amplifier Applications
|
TOSHIBA
|
3SK240 |
Field Effect Transistor GaAs N-Channel Dual Gate MES Type TV Tuner, UHF RF Amplifier Applications
|
TOSHIBA
|
NTE296 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 Silicon PNP Transistor General Purpose Amplifier
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
3SK254 |
RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
|
NEC
|